|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HARTMAN Aerospace Power Products Plug-In ContactorsTM Features: * 3PDT Center Off Main Contacts * Mechanically Interlocked * Designed for ease of maintenance * Less than 10 contact chatter during high vibration * 115/200 VAC, 400 Hz * 100 Amps * High Reliability * Meets many requirements of MIL-R-6106 * Light Weight Construction DP-31C 3PDT, Center Off, 100 Amps, 115/200 VAC, 400 Hz CONTACTOR CONFIGURATION Dimensions for this product are expressed in inches. Multiply values by 25.4 for millimeters. PRODUCT SPECIFICATIONS Construction Main Contacts: Configuration Voltage (Nominal) Current Auxiliary Contacts: Configuration Voltage (Nominal) Current (Resistive) Coil Data: Duty Cycle Voltage (Nominal) Pick-Up Voltage Drop-Out Voltage Coil Current @ 28 VDC & +25C Operating Temperature Life: Electrical Mechanical Weight Gasket Sealed, Vented, Plug-In 3PDT Center Off 115/200 VAC, 400 Hz 100 Amps 2-SPDT Center Off 28 VDC 5 Amps Continuous 28 VDC 18 VDC Maximum 1.5 - 7 VDC .34 Amps Maximum -15C to +70C 50,000 Cycles 100,000 Cycles 2 Lbs. 6 Oz. Notes: For factory-direct application assistance, contact the HARTMAN product team at (419) 521-9500, Fax (419) 526-2749. (c) 2004 by Tyco Electronics Corporation. All Rights Reserved. HARTMAN and TYCO are trademarks. Catalog (web doc only) Revised 5-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967 |
Price & Availability of DP-31C |